Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 15N10G-TN3-R
Description  14.7A, 100V (D-S) N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  15N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 15N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 15N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 15N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 15N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
15N10
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-846.B
14.7A, 100V (D-S) N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 15N10 is an N-Channel enhancement MOSFET, it uses
UTC’s advanced technology to provide customers with a minimum
on-state resistance, high switching speed and low gate charge.
The UTC 15N10 is suitable for high efficiency switching DC/DC
converter, LCD display inverter and load switch.
FEATURES
* RDS(ON)=0.08Ω @VGS=10V,ID=8A
* Low gate charge (Typ=24nC)
* Low CRSS (Typ=23pF)
* High switching speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
15N10L-TN3-T
15N10G-TN3-T
TO-252
G
D
S
Tube
15N10L-TN3-R
15N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - 15N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
15N10G TUOFENG-15N10G Datasheet
3Mb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Mar ,2018 V1.0
More results

Similar Description - 15N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3472N ANALOGPOWER-AM3472N Datasheet
97Kb / 3P
N-Channel 100V (D-S) MOSFET
AM2370N ANALOGPOWER-AM2370N Datasheet
153Kb / 3P
N-Channel 100V (D-S) MOSFET
AM3470N ANALOGPOWER-AM3470N Datasheet
181Kb / 3P
N-Channel 100V (D-S) MOSFET
logo
Shenzhen Foster Semicon...
FIR14N02DG FOSTER-FIR14N02DG Datasheet
3Mb / 8P
N-Channel 100V (D-S) MOSFET
FIR14N10DG FOSTER-FIR14N10DG Datasheet
4Mb / 7P
N-Channel 100V (D-S) MOSFET
FIR60N04BPG FOSTER-FIR60N04BPG Datasheet
4Mb / 7P
N-Channel 100V(D-S) MOSFET
FIR60N04LG FOSTER-FIR60N04LG Datasheet
4Mb / 7P
N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105 Datasheet
609Kb / 8P
N-Channel 100V (D-S) MOSFET
logo
SHIKUES Electronics
SK15N10 SKTECHNOLGY-SK15N10 Datasheet
1Mb / 4P
N-Channel 100V(D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBE1105 VBSEMI-VBE1105_V01 Datasheet
622Kb / 8P
N-Channel 100V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com