Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18N25L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 18N25L-TQ2-R
Description  18A, 250V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

18N25L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  18N25L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 18N25L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 18N25L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 18N25L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 18N25L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18N25
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-786.B
TEST CIRCUITS AND WAVEFORMS(Cont.)
Gate Charge
50k
Ω
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
VGS
VGS
200nF
Same Type
as DUT
3mA
Test Circuit
Waveforms
Resistive Switching
VGS
DUT
RG
VDS
RD
VDS
VGS
90%
10%
td(ON) tR
tF
td(OFF)
10V
tON
tOFF
VDD
Test Circuit
Waveforms
Unclamped Inductive Switching
10V
tP
RG
DUT
L
VDS
ID
VDD
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Test Circuit
Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com