Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFZ34L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UFZ34L-TN3-R
Description  28A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFZ34L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UFZ34L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UFZ34L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UFZ34
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
VER.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
28
A
TC=100°C
20
A
Pulsed (Note 1)
IDM
112
A
Avalanche Current (Note 1)
IAR
17
A
Avalanche Energy
Single Pulsed (Note 2)
EAS
97
mJ
Repetitive (Note 1)
EAR
6.8
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
5.0
V/ns
Power Dissipation
TC=25°C
PD
68
W
Linear Derating Factor
0.46
W/°C
Junction Temperature
TJ
-55~+175
°C
Storage Temperature Range
TSTG
-55~+175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
3.3
°C/W
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. L=670µH, IAS=17A, RG=25Ω, Starting TJ=25°C.
3. ISD≤17A, di/dt≤200A/µs, VDD≤BVDSS, Starting TJ≤175°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com