Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1943GS Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1943GS
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1943GS Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1943GS Datasheet HTML 1Page - Clare, Inc. CPC1943GS Datasheet HTML 2Page - Clare, Inc. CPC1943GS Datasheet HTML 3Page - Clare, Inc. CPC1943GS Datasheet HTML 4Page - Clare, Inc. CPC1943GS Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1943G
www.clare.com
R1
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
CPC1943G
Typical dv/dt vs. Temperature
Ambient Temperature (
°C)
0
800
600
400
200
1200
1000
25
50
85
Vo
63%
10%
RC
Vo = 300V
dv
0.63 x 300V
189
dt
RC
RC
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
CPC1943G
dv/dt Method
CPC1943G
Typical Forward Voltage vs. Temperature
Ambient Temperature (
°C)
10
2.0
1.5
1.0
0
0.5
25
50
75
100
125
150
CPC1943G
Load Current, Free Air
Ambient Temperature (
°C)
-40
1.2
1.0
0.8
0.6
0.4
0.2
055
85
RΘJA = 60°C/W
CPC1943G
Max. Surge Current (Non-Repetitive)
Pulse Duration (ms)
20
15
10
5
0
16
50
100
NOTE: Values apply to
TJ = 50°C before Surge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com