Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3B-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ES3B-13
Description  3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES3B-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  ES3B-13 Datasheet HTML 1Page - Diodes Incorporated ES3B-13 Datasheet HTML 2Page - Diodes Incorporated ES3B-13 Datasheet HTML 3Page - Diodes Incorporated ES3B-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES3A/AB - ES3D/DB
Document number: DS14003 Rev. 15 - 2
2 of 4
www.diodes.com
November 2010
© Diodes Incorporated
ES3A/AB - ES3D/DB
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
ES3A/AB
ES3B/BB
ES3C/CB
ES3D/DB
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 4)
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectified Output Current
@ TT = 100°CIO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
100
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal
RθJT
10
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 5)
RθJA
50
°C
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Maximum Forward Voltage
@ IF = 3.0A
VFM
0.9
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 125°C
IRM
10
500
μA
Maximum Reverse Recovery Time (Note 6)
trr
25
ns
Typical Total Capacitance (Note 7)
CT
45
pF
Notes:
4. Short duration pulse test used to minimize self-heating effect.
5. Unit mounted on PC board with 5.0 mm
2 (0.013 mm thick) copper pads as heat sink.
6. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
7. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
1
2
25
75
100
50
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
3
4
0
Note 3
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com