Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EWAP3 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EWAP3
Description  Standard Faders for Audio Mixers Slide Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EWAP3 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EWAP3 Datasheet HTML 1Page - Panasonic Semiconductor EWAP3 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Slide Potentiometers/EWAP1/P3/Q1/Q3
2
1
3
2’
1’
3’
Dummy
Dummy
Terminal 1
Dummy
Dummy
Terminal 2
Terminal 2’
Terminal 3
Single for dc
Dual, standard (dc not applicable)
Side F
Side G
Note: In case of single use, terminals of side F are dummies.
8.0
VR2
VR1
3 3’
1 1’
2 2’
7.0
3.5
9.0
0.4
3
3’
12
1’2’
Circuit diagram
Not to connect
dummy terminal 1’ and others
8.8
7.5
8-
f1.3
2-
f1.5
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
8.0
3 3’
1 1’
2 2’
7.0
3.5
3
3’
12
1’2’
Circuit diagram
Not to connect
dummy terminal 1’ and others
8.8
7.5
8-
f1.3
2-
f1.5
Recommended PWB piercing plan
(Pitch tolerance:
±0.1)
View from mounting side
VR1
VR2
9.0
0.4
■ Dimensions in mm (not to scale)
No. 2
No. 1
● 60.0 mm Travel, Single............................................................................................................................................EWAQ1
Dual ..............................................................................................................................................EWAQ3
● 45.0 mm Travel, Single............................................................................................................................................ EWAP1
Dual .............................................................................................................................................. EWAP3
Terminal Numbers of Single, DC Version
Notes: Refer to the drawing below for terminal alignment of dual slide potentiometers and single, dc version.
Notes:
1. 3 and T: Short terminals
2. 1 2 3 and
T : Dummy terminals
Notes:
1. 3 and T: Short terminals
2. 1 2 3 and
T : Dummy terminals
Nov. 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com