Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZAST Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EZAST
Description  Chip RC Networks
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZAST Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EZAST Datasheet HTML 1Page - Panasonic Semiconductor EZAST Datasheet HTML 2Page - Panasonic Semiconductor EZAST Datasheet HTML 3Page - Panasonic Semiconductor EZAST Datasheet HTML 4Page - Panasonic Semiconductor EZAST Datasheet HTML 5Page - Panasonic Semiconductor EZAST Datasheet HTML 6Page - Panasonic Semiconductor EZAST Datasheet HTML 7Page - Panasonic Semiconductor EZAST Datasheet HTML 8Page - Panasonic Semiconductor EZAST Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
GND
GND
GND
GND
Discrete Chips
Discrete Chips
Chip RC Network
(EZACT, EZADT, EZAST/SS, EZANT)
Chip RC Network
(EZACT, EZADT, EZAST/SS, EZANT)
Chip RC Network
(EZASTB/SSB)
Chip RC Network
(EZASTB/SSB)
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Chip RC Networks
Type:
EZACT
EZADT
EZAST/SS
EZANT
Type:
EZASTB/SSB
■ Features
Smallest SMD R/C networks
● 4 popular noise reduction circuits made
EZACT
: 2.0 mm
1.2 mm
0.6 mm, 0.5 mm pitch (Flat terminal type)
EZADT
: 3.2 mm
1.6 mm
0.65 mm, 0.635 mm pitch (Concave terminal type)
EZAST/SS
: 4.0 mm
2.1 mm
0.65 mm, 0.8 mm pitch (Concave terminal type)
EZASTB/SSB : 4.0 mm
2.1 mm
0.65 mm, 0.65 mm pitch (Convex terminal type)
EZANT
: 6.4 mm
3.1 mm
0.80 mm, 1.27 mm pitch (Concave terminal type)
● Takes up less space than discrete chip resistor & chip capacitor
EZACT:25 % of 0402 inches (1.0 mm
0.5 mm) chips placing area
EZADT:50 % of 0402 inches (1.0 mm
0.5 mm) chips placing area
EZAST/SS, EZASTB/SSB:70 % of 0402 inches (1.0 mm
0.5 mm) chips placing area
EZANT:55 % of 0805 inches (2.0 mm
1.2 mm) chips placing area
RC Low pass filter
AC Terminator
<Effect of high density placing, PWB space saving>
■ Recommended Applications
● Digital equipment such as PCs, printers, HDD, PCMCIA cards, PDAs, and word processors
● Communication equipment, digital cordless phones, automobile phones, GSM, PHS, DECT
● Digital audio and video equipment
● Electronic musical instruments, and other digital devices
Feb. 2006


Similar Part No. - EZAST

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZAST-SS PANASONIC-EZAST-SS Datasheet
430Kb / 9P
Chip RC Networks
EZASTB-SSB PANASONIC-EZASTB-SSB Datasheet
430Kb / 9P
Chip RC Networks
EZASTBSSB PANASONIC-EZASTBSSB Datasheet
430Kb / 9P
Chip RC Networks
EZASTSS PANASONIC-EZASTSS Datasheet
430Kb / 9P
Chip RC Networks
More results

Similar Description - EZAST

ManufacturerPart #DatasheetDescription
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
Chip RC Networks
logo
Bourns Electronic Solut...
4420P-601-RC BOURNS-4420P-601-RC Datasheet
220Kb / 2P
RC Networks T-Filters
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
RC Terminator Networks
logo
Panasonic Semiconductor
EZA-ST61AAAJ PANASONIC-EZA-ST61AAAJ Datasheet
430Kb / 9P
Chip RC Networks
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
RC Terminator Networks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com