Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5602C Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC5602C
Description  N Channel Depletion Mode FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5602C Datasheet(HTML) 2 Page - Clare, Inc.

  CPC5602C Datasheet HTML 1Page - Clare, Inc. CPC5602C Datasheet HTML 2Page - Clare, Inc. CPC5602C Datasheet HTML 3Page - Clare, Inc. CPC5602C Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
CPC5602C
Rev. 1
Package Pinout
D
4
1
2
3
G
D
S
Pin #
Name
1GATE
2
DRAIN
3
SOURCE
4
DRAIN
Electrical characteristics (@0 to 85oC unless otherwise specified)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Breakdown Voltage
V
(BR)DSS
350
-
--
V
V
GS=-5v, ID<100µA
Gate-to-Source Off Voltage
V
GS1
-3.6
-2
V
I
D=2uA, 10V<VDS<100V
Drain Current 1
I
D1
--
5
mA
V
GS=-2.7V, 5V<VDS<50V
Drain Current 2
I
D2
130
-
-
mA
V
GS=-0.57V, 5V<VDS<50V
Continuous Drain Current 1
I
DC1
125
-
-
mA
V
DS=7V
Continuous Drain Current 2
I
DC2
60
-
-
mA
V
DS=40V
On Resistance
R
DS
-8
10
Ω
V
GS=-0.35V,0 .1V<VDS<0.2V
Gate Leakage Current
I
GSS
--
.1
µA
-10V<V
GS<10V
Gate Capacitance
C
ISS
-
-
300
pF
V
DS= VGS=0V
Thermal Resistance
O
JC
--
14
oC/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com