Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7582 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC7582
Description  Line Card Access Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7582 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC7582 Datasheet HTML 1Page - Clare, Inc. CPC7582 Datasheet HTML 2Page - Clare, Inc. CPC7582 Datasheet HTML 3Page - Clare, Inc. CPC7582 Datasheet HTML 4Page - Clare, Inc. CPC7582 Datasheet HTML 5Page - Clare, Inc. CPC7582 Datasheet HTML 6Page - Clare, Inc. CPC7582 Datasheet HTML 7Page - Clare, Inc. CPC7582 Datasheet HTML 8Page - Clare, Inc. CPC7582 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Table 1. Break Switch, SW1 and SW2
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Off-state Leakage Current:
+25˚C
Vsw (differential)= -320V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +260V
+85˚C
Vsw (differential)= -330V to Gnd
Isw
-
0.3
1
µA
Vsw (differential)= -60V to +270V
-40˚C
Vsw (differential)= -310V to Gnd
Isw
-
0.1
1
µA
Vsw (differential)= -60V to +250V
RDS
ON (SW1,SW2):
+25˚C
T
LINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
14.5
-
Ω
+85˚C
T
LINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
20.5
28
Ω
-40˚C
T
LINE= +/-10 mA, +/-40mA, TBAT= -2V
∆ V
-
10.5
-
Ω
RDS
ON Match
Per ON-resistance Test Condition of
Magnitude
-
0.15
0.8
Ω
SW1, SW2R
ON SW1-RONSW2
dc Current Limit:
+25˚C
V
sw (on) = +/- 10V
lsw
-
300
-
mA
+85˚C
V
sw (on) = +/- 10V
lsw
80
160
-
mA
-40˚C
V
sw (on) = +/- 10V
lsw
-
400
425
mA
Dynamic Current Limit:
Break switches in ON state, Ringing
Isw
-
2.5
-
A
(t=<0.5µs)
access switches OFF, Apply +/- 1000V
at 10/1000ms pulse, Appropriate
secondary protection in place.
ESD Rating (HBM)
1000V
Power Supply Specifications
Supply
Min
Typ
Max
Unit
V
DD
+4.5
+5.0
+5.5
V
V
BAT
1
-19
-
-72
V
www.clare.com
2
CPC7582
Rev. 1.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics TA = -40oC to +85oC
(unless otherwise specified)
Minimum and maximum values are production testing
requirements. Typical values are characteristic of the
device and are the result of engineering evaluations.
Typical values are provided for information purposes
only and are not part of the testing requirements.
1 V
BAT is used only as a reference for internal protection circuitry.
If V
BAT rises above -10V, the device will enter an all off state and will remain in the all off state
until the battery voltage drops below -15V.
Parameter
Min
Max
Units
Operating Temperature Range
-40
+110
˚C
Storage Temperature Range
-40
+150
˚C
Relative Humidity Range
5
95
%
Pin Soldering Temperature
-
+260
˚C
(t=10 s max)
+5V Power Supply
-
7
V
Battery Supply
-
-85
V
Logic Input Voltage
-
7
V
Logic Input to Switch Output Isolation
-
330
V
Switch Isolation (SW1, SW2, SW3, SW5, SW6)
-
330
V
Switch Isolation (SW4)
-
480
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com