Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1485DM3 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1485DM3
Description  Raccord
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1485DM3 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1485DM3 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1" Nipple
2" Nipple
3" Nipple
Size
Part No.
Part No.
Part No.
1485BM1
1485BM2
1485BM3
2.5 x 2.5
1485CM1
1485CM2
1485CM3
4 x 4
1485DM1
1485DM2
1485DM3
6 x 6
One flat sealing plate included
Raccord
Les raccords pour chemin de câble sont livrés avec une plaque d'étanchéité
spéciale qui ne peut être utilisée à proximité de raccords pivotants (utiliser
des raccords de la série 1487).
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - 1485DM3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1485D12 HAMMOND-1485D12 Datasheet
119Kb / 1P
Typical Straight Section 1485 S Series
3/10/23, 4:33 PM
1485D120 HAMMOND-1485D120 Datasheet
119Kb / 1P
Typical Straight Section 1485 S Series
3/10/23, 4:33 PM
1485D24 HAMMOND-1485D24 Datasheet
119Kb / 1P
Typical Straight Section 1485 S Series
3/10/23, 4:33 PM
1485D36 HAMMOND-1485D36 Datasheet
119Kb / 1P
Typical Straight Section 1485 S Series
3/10/23, 4:33 PM
1485D48 HAMMOND-1485D48 Datasheet
119Kb / 1P
Typical Straight Section 1485 S Series
3/10/23, 4:33 PM
More results

Similar Description - 1485DM3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CWTL HAMMOND-CWTL Datasheet
50Kb / 1P
Raccord telescopique
1485FF HAMMOND-1485FF Datasheet
71Kb / 1P
Raccord souple
1485V HAMMOND-1485V Datasheet
54Kb / 1P
Raccord pivotant
1485X HAMMOND-1485X Datasheet
54Kb / 1P
Raccord reglable
1487FFSS HAMMOND-1487FFSS Datasheet
54Kb / 1P
Raccord souple
1487M HAMMOND-1487M Datasheet
69Kb / 1P
Raccord
1487MSS HAMMOND-1487MSS Datasheet
48Kb / 1P
Raccord
1487W HAMMOND-1487W Datasheet
66Kb / 1P
Raccord a decouper
1487X HAMMOND-1487X Datasheet
72Kb / 1P
Raccord reglable
HDSSELC HAMMOND-HDSSELC Datasheet
95Kb / 1P
Raccord coude robuste
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com