Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-28DP-2DSA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DF11-28DP-2DSA
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF11-28DP-2DSA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DF11-28DP-2DSA Datasheet HTML 1Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 2Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 3Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 4Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 5Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 6Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 7Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 8Page - List of Unclassifed Manufacturers DF11-28DP-2DSA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
105
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sMaterial
DF11 - * DS - 2C
qe
wr t
q Series Name
: DF11
w Number of Contacts : 4 to 32
e Connector Type
DS : Double Row socket
DP : Double Row pin header
DEP : Double Row in-line plug
r Contact Pitch
: 2mm
t Connection Form/Contact Style
C
: Crimping socket
R26 : Insulation Displacemented socket for AWG26
DSA: Straight through hole
DS : Right angle through hole
V
: Straight SMT
A
: Adaptor
Product Type
Part
MateriaI
Finish
Remarks
Crimping Socket
Insulator
Polyamide
Black
UL94V-0
Crimping Contact for Socket
Contact
Phosphor copper
Tin plated or gold plated
–––––––
ID Socket
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor copper
Tin plated
–––––––
Receptacle
Insulator
Polyamide
Black
UL94V-0
Contact
Phosphor copper
Tin plated or gold plated
–––––––
Pin Header
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated or gold plated
–––––––
Insulator
Polyamide
Beige
UL94V-0
SMT Header
Contact
Brass
Tin plated or gold plated
–––––––
Metal fittings
Brass
Tin plated
–––––––
In-line Plug
Insulator
Polyamide
Black
UL94V-0
In-line Plug Crimping Contact
Contact
Phosphor copper
Tin plated or gold plated
–––––––
In-line Adaptor
Insulator
Polyamide
Black
UL94V-0
Contact
Brass
Tin plated
–––––––
sOrdering Information
qConnector
DF11 - EP2428PCFA
qr
e
w
q Contact Type
Blank : For socket
EP
: For in-line plug
w Applicable Wire Size
22
: AWG22
2428 : AWG24 to 28
30
: AWG30
e Contact Type/Packaging Type
SCF
: Socket contact, Embossed tape
SC
: Socket contact, Bag
PCF
: Plug contact, Embossed tape
PC
: Plug contact, Bag
r Plating Type
Blank
: Tin plated
A
: Gold plated
qContact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com