Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM64360B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DTM64360B
Description  2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTM64360B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DTM64360B Datasheet HTML 1Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 2Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 3Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 6Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 7Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 8Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DTM64360B
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Document 06943, Revision A, 3-Oct-11 Dataram Corporation
2011
Page 3
DMR0
/TDQSR9
DQR[7:0]
/RS0
/DQSR0
DQSR0
DMR4
/TDQSR13
DQR[39:32]
/DQSR4
DQSR4
DMR1
/TDQSR10
DQR[15:8]
/DQSR1
DQSR1
DMR5
/TDQSR14
DQR[47:40]
/DQSR5
DQSR5
DMR2
/TDQSR11
DQR[23:16]
/DQSR2
DQSR2
DMR6
/TDQSR15
DQR[55:48]
/DQSR6
DQSR6
DMR3
/TDQSR12
DQR[31:24]
/DQSR3
DQSR3
DMR7
/TDQSR16
DQR[63:56]
/DQSR7
DQSR7
DMR8
/TDQSR17
CBR[7:0]
/DQSR8
DQSR8
DQR[63:0]
DQSR[8:0]
DQ[63:0]
DQS[8:0]
/DQSR[8:0]
/DQS[8:0]
All 15 OHMS
CBR[7:0]
CB[7:0]
DMR[8:0]
DM[8:0]
All 240 OHMS
ZQ
SS
V
/LCLK0
LCLK0
100 nF
DD
V
All 36 OHMS
/RCLK0
RCLK0
100 nF
DD
V
All 36 OHMS
DD
Serial PD
All Devices
All SDRAMs
All Devices
DECOUPLING
All SDRAMs
SS
V
V
DDSPD
V
VREF_DQ
VREF_CA
All SDRAMs
VTT
GLOBAL SDRAM CONNECTS
All 47 OHMS
BA[2:0]R
A[15:0]R
/RASR
/CASR
/WER
VTT
BA[2:0]R
A[15:0]R
BA[2:0]
A[15:0]
/RAS
/CAS
CKE0
/WE
TO SDRAMS
/RASR
/CASR
CKE0R
/WER
ODT0
/S0
/RS0
ODT0R
PAR_IN
/ERR_OUT
L,R(CLK)0
/L,R(CLK)0
All
22 OHMS
SDRAMS
/RESET
CK0
/CK0
120
OHMS
/TDQSR[17:9]
/TDQS[17:9]
CKE0R
ODT0R
/RS0
VTT
All 47 OHMS
SA2
SA1
SA0
SCL
TEMPERATURE MONITOR/
SERIAL PD
SDA
/EVENT
RANK 0
I/O[7:0]
RANK 0
I/O[7:0]
I/O[7:0]
I/O[7:0]
I/O[7:0]
I/O[7:0]
I/O[7:0]
I/O[7:0]
I/O[7:0]
/S1
75 OHMS
CK1
/CK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com