Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3N30ZG-TM3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF3N30ZG-TM3-R
Description  3A, 300V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3N30ZG-TM3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF3N30ZG-TM3-R Datasheet HTML 1Page - Unisonic Technologies UF3N30ZG-TM3-R Datasheet HTML 2Page - Unisonic Technologies UF3N30ZG-TM3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF3N30Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-826. B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
300
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
Continuous
ID
3
A
Pulsed
IDM
12
A
Avalanche Energy
EAS
52
mJ
Power Dissipation
PD
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
300
V
Drain-Source Leakage Current
IDSS
VDS=300V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
10
µA
Reverse
VGS=-20V, VDS=0V
-10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
2
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
200
pF
Output Capacitance
COSS
90
pF
Reverse Transfer Capacitance
CRSS
30
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=50V, ID=1.3A, IG=100µA,
VGS=10V
4
nC
Gate to Source Charge
QGS
0.64
nC
Gate to Drain Charge
QGD
1.6
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25
Ω,
VGS=0~10V
10
ns
Rise Time
tR
50
ns
Turn-OFF Delay Time
tD(OFF)
30
ns
Fall-Time
tF
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
3
A
Maximum Body-Diode Pulsed Current
ISM
12
A
Drain-Source Diode Forward Voltage
VSD
IS=0.85A
1.3
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com