Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UK2158G-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UK2158G-AE2-R
Description  짹0.1A, 50V N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UK2158G-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UK2158G-AE2-R Datasheet HTML 1Page - Unisonic Technologies UK2158G-AE2-R Datasheet HTML 2Page - Unisonic Technologies UK2158G-AE2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UK2158
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-905.a
±0.1A, 50V N-CHANNEL
MOSFET FOR HIGH-SPEED
SWITCHING
DESCRIPTION
The UTC UK2158 is an N-channel vertical type MOSFET, it uses
UTC’s advanced technology to provide customers with high
switching speed and low gate cut-off voltage.
The UTC UK2158 is suitable for use in low-voltage portable
systems such as camcorders and headphone stereo sets.
FEATURES
* RDS(ON)<50Ω @ VGS=1.5V, ID=1.0mA
RDS(ON)<20Ω @ VGS=2.5V, ID=10mA
RDS(ON)<15Ω @ VGS=4.0V, ID=10mA
* High switching speed
* Low gate cut-off voltage
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UK2158L-AE2-R
UK2158G-AE2-R
SOT-23-3
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UK2158G-AE2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UK20 ETC-UK20 Datasheet
471Kb / 1P
Conduit Fittings
logo
Unisonic Technologies
UK2996 UTC-UK2996 Datasheet
128Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
UK2996 UTC-UK2996 Datasheet
271Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
UK2996-TA3-T UTC-UK2996-TA3-T Datasheet
128Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
UK2996-TF3-T UTC-UK2996-TF3-T Datasheet
128Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
More results

Similar Description - UK2158G-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UTN3055 UTC-UTN3055_15 Datasheet
197Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com