Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM6K1NL-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM6K1NL-AL6-R
Description  SILICON N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM6K1NL-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM6K1NL-AL6-R Datasheet HTML 1Page - Unisonic Technologies UM6K1NL-AL6-R Datasheet HTML 2Page - Unisonic Technologies UM6K1NL-AL6-R Datasheet HTML 3Page - Unisonic Technologies UM6K1NL-AL6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM6K1N
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-897.b
SILICON N-CHANNEL
MOSFET
DESCRIPTION
The UTC UM6K1N is a silicon N-channel MOSFET. it uses
UTC’s advanced technology to provide the customers with a
minimum on state resistance, high switching speed and low gate
threshold voltage.
The UTC UM6K1N is suitable for switching and interfacing
applications.
FEATURES
* RDS(on)<8Ω @ VGS=4V, ID=10mA
RDS(on)<13Ω @ VGS=2.5V, ID=1mA
* High switching speed
* Low gate threshold voltage
SYMBOL
G2
G1
S1
S2
D1
D2
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
UM6K1NL-AL6-R
UM6K1NG-AL6-R
SOT-363
S1 G1 D2 S2 G2 D1 Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - UM6K1NL-AL6-R

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N Datasheet
108Kb / 4P
Small switching (30V, 0.1A)
UM6K1N ROHM-UM6K1N Datasheet
76Kb / 4P
2.5V Drive NchNch MOS FET
UM6K1N ROHM-UM6K1N Datasheet
81Kb / 4P
2.5V Drive NchNch MOS FET
logo
Jiangsu Changjiang Elec...
UM6K1N JIANGSU-UM6K1N Datasheet
1Mb / 5P
Dual N-channel MOSFET
logo
Rohm
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
2.5V Drive NchNch MOS FET
More results

Similar Description - UM6K1NL-AL6-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com