Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM6K1NG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UM6K1NG-AL6-R
Description  SILICON N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM6K1NG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UM6K1NG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UM6K1NG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UM6K1NG-AL6-R Datasheet HTML 3Page - Unisonic Technologies UM6K1NG-AL6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UM6K1N
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-897.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
100
mA
Pulsed (Note 1)
IDM
200
mA
Power Dissipation (Note 2)
TC=25°C
PD
150
mW
Channel Temperature
TCH
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pw≤10µs, Duty cycle≤50%.
3. With each pin mounted on the recommended lands.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=10µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
1.0
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+1
µA
Reverse
VGS=-20V, VDS=0V
-1
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=3V, ID=100µA
0.8
1.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4V, ID=10mA
5
8
Ω
VGS=2.5V, ID=1mA
7
13
Ω
Forward Transfer Admittance
|YFS|
VDS=3V, ID=10mA
20
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=5V, f=1.0MHz
13
pF
Output Capacitance
COSS
9
pF
Reverse Transfer Capacitance
CRSS
4
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VDD≈5V, VGS=5V, ID=10mA,
RGS=10Ω, RL=500Ω
15
ns
Rise Time
tR
35
ns
Turn-OFF Delay Time
tD(OFF)
80
ns
Fall-Time
tF
80
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com