Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UOT406G-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UOT406G-AA3-R
Description  FOUR-QUADRANT TRIAC, ENHANCED NOISE IMMUNITY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UOT406G-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UOT406G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UOT406G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UOT406G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UOT406
Preliminary
TRIACS
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R401-036.a
FOUR-QUADRANT TRIAC,
ENHANCED NOISE IMMUNITY
DESCRIPTION
The UTC UOT406 is a Four-quadrant triac, it uses UTC’s
advanced technology to provide customers with direct interfacing to
low power gate drive circuits and sensitive gate, etc.
The UTC UOT406 is suitable for Low power AC fan speed
controllers, Low power motor control and Home appliances, etc.
FEATURES
* VDRM≤600V, IGT≤3mA, IGT≤5mA (T2-G+)
ITSM≤12.5A (t=20ms), ITSM≤13.8A (t=16.7ms), IT(RMS) ≤1A
* Direct interfacing to low power gate drive circuits
* Sensitive gate
SYMBOL
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UOT406L-x-AA3-R
UOT406G-x-AA3-R
SOT-223
MT1
MT2
GATE
Tape Reel
UOT406L-AA3-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AA3: SOT-223
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Similar Part No. - UOT406G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UOT406G-AA3-R UTC-UOT406G-AA3-R Datasheet
121Kb / 3P
ENHANCED NOISE IMMUNITY
More results

Similar Description - UOT406G-AA3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OT406 PHILIPS-OT406 Datasheet
77Kb / 13P
Four-quadrant triac, enhanced noise immunity
Rev. 01-19 May 2008
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
ENHANCED NOISE IMMUNITY
logo
DONGGUAN YOU FENG WEI E...
BT131 YFWDIODE-BT131 Datasheet
686Kb / 4P
1A four-quadrant triac
BT134 YFWDIODE-BT134 Datasheet
619Kb / 4P
4A Four-quadrant triac
BTA06A YFWDIODE-BTA06A Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA06F YFWDIODE-BTA06F Datasheet
786Kb / 4P
6A Four-quadrant triac
BTA16 YFWDIODE-BTA16 Datasheet
640Kb / 4P
16A Four-quadrant triac
BT134W YFWDIODE-BT134W Datasheet
1Mb / 4P
1A four-quadrant triac
BTA04F YFWDIODE-BTA04F Datasheet
688Kb / 4P
4A four-quadrant triac
BTA16A YFWDIODE-BTA16A Datasheet
1Mb / 5P
16A four-quadrant triac
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com