Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT90N03L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT90N03L-TN3-R
Description  90A, 30V N-CHANNEL(D-S) POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT90N03L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT90N03L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT90N03L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT90N03L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT90N03L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT90N03L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UT90N03L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT90N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-847.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
TC=25°C (Note 2, 5)
ID
90
A
TA=25°C (Note 3, 4)
28.8
A
Pulsed
IDM
90
A
Avalanche Current Pulse (L=0.074mH)
IAS
90
A
Single Pulsed Avalanche Energy (L=0.074mH)
EAS
300
mJ
Continuous Source-Drain Diode
Current
TC=25°C (Note 2, 5)
IS
90
A
TA=25°C (Note 3, 4)
3.13
A
Power Dissipation
TC=25°C
(Note 2)
TO-251/TO-252
PD
187
W
TO-263
220
TA=25°C (Note 3, 4)
3.75
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Based on TC=25°C.
3. Surface Mounted on 1"x1" FR4 board.
4. t=10sec.
5. Calculated based on maximum junction temperature. Package limitation current is 90A.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
(Note 1, 2)
t≤10sec
θJA
40
°C/W
Junction to Case
Steady State
TO-251/TO-252
θJC
0.6
°C/W
TO-263
0.5
Notes: 1. Maximum under Steady State conditions is 90°C/W.
2. Surface Mounted on 1" x1" FR4 board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com