Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT90N03L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT90N03L-TQ2-R
Description  90A, 30V N-CHANNEL(D-S) POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT90N03L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT90N03L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UT90N03L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UT90N03L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UT90N03L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UT90N03L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UT90N03L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT90N03
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-847.C
90A, 30V N-CHANNEL(D-S)
POWER MOSFET
DESCRIPTION
The UTC UT90N03 is an N-channel enhancement mode
Power FET, it uses UTC’s advanced technology to provide
customers a minimum on-state resistance.
The UTC UT90N03 is suitable for server and DC-DC
converters.
FEATURES
* RDS(ON) < 2.4mΩ @ VGS=10V
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT90N03L-TM3-T
UT90N03G-TM3-T
TO-251
G
D
S
Tube
UT90N03L-TN3-R
UT90N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT90N03L-TQ2-T
UT90N03G-TQ2-T
TO-263
G
D
S
Tube
UT90N03L-TQ2-R
UT90N03G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-251
TO-252
TO-263


Similar Part No. - UT90N03L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT90N03L-TN3-R VBSEMI-UT90N03L-TN3-R Datasheet
1,002Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT90N03L-TN3-R DOINGTER-UT90N03L-TN3-R Datasheet
986Kb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
UT90N03L-TN3-T VBSEMI-UT90N03L-TN3-T Datasheet
1,002Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT90N03L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM1432NE ANALOGPOWER-AM1432NE Datasheet
106Kb / 3P
N-Channel 30V (D-S) MOSFET
AM1330N ANALOGPOWER-AM1330N Datasheet
161Kb / 3P
N-Channel 30V (D-S) MOSFET
AM1430N ANALOGPOWER-AM1430N Datasheet
150Kb / 2P
N-Channel 30V (D-S) MOSFET
AM3406N ANALOGPOWER-AM3406N Datasheet
143Kb / 2P
N-Channel 30V (D-S) MOSFET
AM3456N ANALOGPOWER-AM3456N Datasheet
135Kb / 2P
N-Channel 30V (D-S) MOSFET
AM3456NE ANALOGPOWER-AM3456NE Datasheet
211Kb / 3P
N-Channel 30V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD23N22 BWTECH-MSD23N22 Datasheet
528Kb / 6P
N-Channel 30V (D-S) MOSFET
logo
Analog Power
AM1434N ANALOGPOWER-AM1434N Datasheet
59Kb / 2P
N-Channel 30V (D-S) MOSFET
logo
Leshan Radio Company
LN3410DT2AG LRC-LN3410DT2AG Datasheet
791Kb / 5P
N-Channel 30V (D-S) MOSFET
LN2306ELT1G LRC-LN2306ELT1G Datasheet
715Kb / 5P
N-Channel 30V(D-S) MOSFET VDS= 30V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com