Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFS400F32 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 9Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 10Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 11Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 12Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 13Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 14Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 15Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 16Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
87
11
The monolithic multilayer design of the TE Circuit
Protection high-current-rated chip fuses helps to
provide some of the highest current ratings available in
the
1206
size
and
enhances
high-temperature
performance in a wide range of circuit protection
designs. The devices’ small size, high reliability and
strong arc suppression characteristics make them
suitable for overcurrent protection of power supplies,
servers, communications equipment, voltage regulator
modules, and other high-current, small size applications.
• Glass ceramic monolithic structure provides stability
in application cycling
• High-current rating in a small package allows more
efficient use in system space
• Strong arc suppression in overcurrent conditions
• Lead free materials and RoHS compliant
• Halogen free
(refers to: Br 900ppm, Cl 900ppm, Br+Cl 1500ppm)
• Monolithic multilayer design
• High-temperature performance
• -55°C to +125°C operating temperature range
• Communications equipment
• Voltage regulator modules
• Power supplies
• Servers
Benefits
Features
Applications
Surface-mount Fuses
High-Current-Rated Chip Fuses
ent
nhances
high-temperature
ange of circuit protection
all size, high reliability and
characteristics make them
otection of power supplies,
quipment, voltage regulator
rrent, small size applications.
struc
c
c
c
ctu
ure
rrrr pr
p
prr
p
p ov
v
vid
d
id
d
ide
es
e
e
e st
st
s
stttabilittttty
mall pa
a
ac
a
a
a
a k
ka
k
k ge
g
ge allows
w
ws
w
ws
ws
s
s mo
mo
mo
o
m
mo
m re
e
e
e
ace
ove
e
erc
currrre
r nt
nt
nt
n
n co
on
nd
n
n
n
n
n it
iiittttttttions
•L
•
•
•
eadffre
e
re
e
e
r e materials and RoHS
• Hallo
o
og
o
o
o en free
(r
(rr
( efers to: Br 900ppm, Cl 900
• Monolithic multilayer design
• High-temperature performanc
• -55°C to +125°C operating tem
F
Featurres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com