Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT136FF-6-TF3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT136FF-6-TF3-R
Description  TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT136FF-6-TF3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT136FF-6-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT136FF-6-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT136FF-6-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT136FF-6-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT136FF-6-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT136FF-6-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT136FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R401-018,D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
UT136FF/FG-5
500(Note2)
UT136FF/FG-6
600(Note2)
Repetitive Peak Off-State Voltages
UT136FF/FG-8
VDRM
800
V
RMS On-state Current
Full sine wave, THS ≤92°C
IT(RMS)
4
A
Non-Repetitive Peak. On-State Current
Full sine wave, TJ =125°C prior to surge, with reapplied VDRM(MAX)
t =20 ms
t =16.7 ms
ITSM
25
27
A
I
2t For Fusing (t =10 ms)
I
2t
3.1
A
2s
Repetitive Rate of Rise of On-state Current after Triggering
ITM=6 A, IG=0.2 A, dIG/dt=0.2A/µs
T2 + G+
50
T2 + G-
50
T2 - G-
50
T2 - G+
dIT /dt
10
A/µs
Peak Gate Voltage
VGM
5
V
Peak Gate Current
IGM
2
A
Peak Gate Power
PGM
5
W
Average Gate Power (Over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
TJ
125
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 3A/µs.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance, Junction to Ambient (In free air)
θJA
55
K/W
ISOLATION LIMITING VALUE & CHARACTERISTIC (THS =25°C, unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Repetitive peak voltage form all three terminals to external
heatsink (R.H.≤ 65%,clean and dustfree)
VISOL
1500
V
Capacitance from MT2 to external heatsink (f =1MHz)
CISOL
12
pF
STATIC CHARACTERISTICS (TJ=25°C, unless otherwise specified)
MAX
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
UT136FF UT136FG
UNIT
T2 + G+
5
25
50
mA
T2 + G-
8
25
50
mA
T2 - G-
11
25
50
mA
Gate Trigger Current
IGT
VD =12 V,IT =0.1A
T2 - G+
30
70
100
mA
T2 + G+
7
20
30
mA
T2 + G-
16
30
45
mA
T2 - G-
5
20
30
mA
Latching Current
IL
VD =12 V,IGT =0.1A
T2 - G+
7
30
45
mA
Holding Current
IH
VD =12 V,IGT =0.1A
5
15
30
mA
On-State Voltage
VT
IT =5 A
1.4
1.70
V
VD=12V, IT =0.1A
0.7
1.5
V
Gate Trigger Voltage
VGT
VD=400V, IT=0.1A, TJ=125°C
0.25 0.4
V
Off-State Leakage Current
ID
VD=VDRM(MAX), TJ =125°C
0.1
0.5
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com