Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2035ZG-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2035ZG-AE3-R
Description  -3.6A, -20V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2035ZG-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2035ZG-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2035ZG-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2035Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-937.a
-3.6A, -20V P-CHANNEL
ENHANCEMENT MODE
MOSFET
DESCRIPTION
The UTC UT2035Z is a P-channel enhancement mode MOSFET,
it uses UTC’s advanced technology to provide the customers with a
minimum on state resistance, high switching speed and low gate
charge, etc.
FEATURES
*RDS(ON)<42mΩ @VGS=-4.5V, ID=-4.0A
RDS(ON)<65mΩ @VGS=-2.5V, ID=-4.0A
RDS(ON)<82mΩ @VGS=-1.8V, ID=-2.0A
* High switching speed
* Low gate charge
* Low gate threshold voltage
* Low input capacitance
* Low input/output leakage
SYMBOL
SOT-23
(EIAJ SC-59)
1
2
3
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT2035ZL-AE3-R
UT2035ZG-AE3-R
SOT-23
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
UT2035ZL-AE3-R
(1)Packing Type
(2)Package Type
(3)Lead Free
(1) R: Tape Reel
(2) AE3: SOT-23
(3) L: Lead Free, G: Halogen Free
MARKING


Similar Part No. - UT2035ZG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2035ZG-AE3-R UTC-UT2035ZG-AE3-R Datasheet
189Kb / 3P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT2035ZG-AE3-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
Will Semiconductor Ltd.
WPM2037 WILLSEMI-WPM2037 Datasheet
285Kb / 6P
Single P-Channel, -20V, -3.6A , Power MOSFET
WPMD2075 WILLSEMI-WPMD2075 Datasheet
662Kb / 6P
Dual P-Channel, -20V, -3.6A, Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com