Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7430L-K08-3030-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT7430L-K08-3030-R
Description  30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7430L-K08-3030-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT7430L-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies UT7430L-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT7430
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-903.b
30V, 34A N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DESCRIPTION
The UTC UT7430 is an N-Channel MOSFET, it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance, high switching speed and low gate charge.
The UTC UT7430 is suitable for general purpose applications and
high side switch in SMPS.
FEATURES
* RDS(ON)<12mΩ @VGS=10V, ID=20A
RDS(ON)<16mΩ @VGS=4.5V, ID=20A
* Low gate charge
* High switching speed
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UT7430L-K08-3030-R
UT7430G-K08-3030-R
DFN-8(3×3)
Tape Reel


Similar Part No. - UT7430L-K08-3030-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UT7430G-K08-3030-R DOINGTER-UT7430G-K08-3030-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT7430L-K08-3030-R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com