Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7430G-K08-3030-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT7430G-K08-3030-R
Description  30V, 34A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7430G-K08-3030-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT7430G-K08-3030-R Datasheet HTML 1Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 2Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 3Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 4Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 5Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 6Page - Unisonic Technologies UT7430G-K08-3030-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UT7430
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-903.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
34
A
TC=100°C
21
A
Pulsed (Note 3)
IDM
80
A
Continuous Drain Current (Note 1)
TA=25°C
IDSM
13
A
TA=70°C
10.2
A
Avalanche Current (Note 3)
IAR
22
A
Repetitive Avalanche Energy
L=0.1mH (Note 3)
EAR
24
mJ
Power Dissipation (Note 2)
TC=25°C
PD
23
W
TC=100°C
9
W
Power Dissipation (Note 1)
TA=25°C
PDSM
3.1
W
TA=70°C
2
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 1)
θJA
60
75
°C/W
Junction to Case (Note 2)
θJC
4.5
5.4
°C/W
Notes: 1. The value of θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board
design, and the maximum temperature of 150°C may be used if the PCB allows it.
2. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is
more useful in setting the upper dissipation limit for cases where additional heat sinking is used.
3. Repetitive rating, pulse width limited by junction temperature TJ (MAX)=150°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com