Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT4N10L-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT4N10L-AA3-R
Description  3.5A, 100V N-CHANNEL TRENCHMOS LOGIC LEVEL FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT4N10L-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT4N10L-AA3-R Datasheet HTML 1Page - Unisonic Technologies UTT4N10L-AA3-R Datasheet HTML 2Page - Unisonic Technologies UTT4N10L-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT4N10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-858.a
3.5A, 100V N-CHANNEL
TRENCHMOS LOGIC LEVEL
FET
DESCRIPTION
The UTC UTT4N10 is an N-Channel Trench MOS Logic Level
FET, it uses UTC’s advanced technology to provide customers with
a minimum on-state resistance and low gate charge.
The UTC UTT4N10 is suitable for consumer, computing and
communications, etc.
FEATURES
* RDS(ON)=200mΩ @ VGS=5V, ID=1.75A
* Low gate charge(Typ.=6.8nC)
SYMBOL
SOT-223
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT4N10L-AA3-R
UTT4N10G-AA3-R
SOT-223
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT4N10L-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TM3-T UTC-UTT40N03G-TM3-T Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TN3-R UTC-UTT40N03G-TN3-R Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TN3-T UTC-UTT40N03G-TN3-T Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UTT40N03L VBSEMI-UTT40N03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTT4N10L-AA3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
N-channel TrenchMOS logic level FET
5 October 2012
logo
Nexperia B.V. All right...
BUK9E2R8-60E NEXPERIA-BUK9E2R8-60E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK9E4R9-60E NEXPERIA-BUK9E4R9-60E Datasheet
331Kb / 13P
N-channel TrenchMOS logic level FET
BUK951R6-30E NEXPERIA-BUK951R6-30E Datasheet
342Kb / 14P
N-channel TrenchMOS logic level FET
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
N-channel TrenchMOS logic level FET
BUK954R4-80E NEXPERIA-BUK954R4-80E Datasheet
338Kb / 14P
N-channel TrenchMOS logic level FET
BUK961R7-40E NEXPERIA-BUK961R7-40E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK962R8-60E NEXPERIA-BUK962R8-60E Datasheet
723Kb / 13P
N-channel TrenchMOS logic level FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com