Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT6NP10L-TN4-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT6NP10L-TN4-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT6NP10L-TN4-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT6NP10L-TN4-R Datasheet HTML 1Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 2Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 3Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 4Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 5Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 6Page - Unisonic Technologies UTT6NP10L-TN4-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTT6NP10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-772.D
ABSOLUTE MAXIMUM RATINGS(TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
N-CHANNEL P-CHANNEL
Drain-Source Voltage
VDSS
100
-100
V
Gate-Source Voltage
VGSS
±
20
±
20
V
Drain Current
Continuous
(Note 3)
TA=25°C
ID
3.1
-3.2
A
TA=70°C
2.5
-2.5
A
Pulsed (Note 1)
IDM
12.4
-12.8
A
Power Dissipation (TA=25°C)
SOP-8
PD
2
W
TO-252-4
3.1
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-8
θJA
62.5
C/W
TO-252-4
40
C/W
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
N-channel
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V
+100 nA
Reverse
VGS=-20V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=10V, ID=2A
150
mΩ
VGS=5V, ID=1A
250
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
530
pF
Output Capacitance
COSS
45
pF
Reverse Transfer Capacitance
CRSS
35
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 2)
QG
VGS=10V, VDS=80V, ID=3.1A
10
16
nC
Gate to Source Charge
QGS
2
nC
Gate to Drain Charge
QGD
4
nC
Turn-ON Delay Time (Note 2)
tD(ON)
VDS=50V, ID=3.1A
VGS=10V, RG=3.3Ω
6.5
ns
Rise Time
tR
7
ns
Turn-OFF Delay Time
tD(OFF)
14
ns
Fall-Time
tF
3.5
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note 2)
VSD
IS=3.1A, VGS=0V
1.3
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com