Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT6NP10G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT6NP10G-S08-R
Description  DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT6NP10G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT6NP10G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT6NP10G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT6NP10
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-772.D
DUAL ENHANCEMENT MODE
(N-CHANNEL/P-CHANNEL)
DESCRIPTION
The UTC UTT6NP10 incorporates an N-channel MOSFET and a
P-channel MOSFET,it uses UTC’s advanced technology to provide
customers a minimum on-state resistance and high-speed switching,
thereby enabling high-density mounting.
The UTC UTT6NP10 is universally applied in high-speed
switching, motor driver.
FEATURES
* RDS(on) <150mΩ @VGS = 10V, ID=2A
RDS(on) <250mΩ @VGS =5V, ID=1A
* RDS(on) <155mΩ @VGS =-10V, ID=-2A
RDS(on) <250mΩ @VGS = -5V, ID=-1A
* High switching speed
* Low gate charge (N:Typ.=10nC, P:Typ.=29nC)
SYMBOL
SOP-8
TO-252-4
1
1
ORDERING INFORMATION
Note: Pin Assignment: G: Gate D: Drain
S: Source
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
123456 7 8
UTT6NP10L-S08-R
UTT6NP10G- S08-R
SOP-8
S1 G1 S2 G2 D D D D
Tape Reel
UTT6NP10L-S08-T
UTT6NP10G- S08-T
SOP-8
S1 G1 S2 G2 D D D D
Tube
UTT6NP10L-TN4-R
UTT6NP10G- TN4-R
TO-252-4
S1 G1 D S2 G2 -
-
-
Tape Reel
UTT6NP10L- TN4-T
UTT6NP10G- TN4-T
TO-252-4
S1 G1 D S2 G2 -
-
-
Tube


Similar Part No. - UTT6NP10G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT6N10 UTC-UTT6N10 Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10G-AA3-R UTC-UTT6N10G-AA3-R Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10L-AA3-R UTC-UTT6N10L-AA3-R Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
logo
Guangdong Kexin Industr...
UTT6N10Z KEXIN-UTT6N10Z Datasheet
475Kb / 3P
N-Channel Power MOSFET
More results

Similar Description - UTT6NP10G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD606 UTC-UD606 Datasheet
388Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606 UTC-UD4606 Datasheet
310Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UD4614 UTC-UD4614 Datasheet
291Kb / 9P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003 UTC-UT5003 Datasheet
299Kb / 8P
DUAL ENHANCEMENT MODE N-CHANNEL/P-CHANNEL)
UT5003Z UTC-UT5003Z Datasheet
311Kb / 8P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTM4052 UTC-UTM4052 Datasheet
440Kb / 9P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UD4606Z UTC-UD4606Z Datasheet
163Kb / 6P
DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL)
UTT10NP06 UTC-UTT10NP06 Datasheet
245Kb / 7P
DUAL ENHANCEMENT MODE (N-CHANNEL/ P-CHANNEL)
logo
Stanson Technology
STC6602 STANSON-STC6602 Datasheet
873Kb / 8P
Dual N&P Channel Enhancement Mode MOSFET
logo
Microchip Technology
TC2320 MICROCHIP-TC2320 Datasheet
531Kb / 12P
N-Channel and P-Channel Enhancement-Mode Dual MOSFET
11/07/16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com