Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT20N06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT20N06L-TN3-R
Description  20A, 60V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT20N06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT20N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT20N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT20N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT20N06
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-708.C
20A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT20N06 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC UTT20N06 is universally applied in low voltage, such as
automotive, high efficiency switching for DC/DC converters and DC
motor control.
FEATURES
* RDS(ON) <46mΩ @VGS = 10 V
* Typically 58pF low CRSS
* High switching speed
* Typically 21.2nC low gate charge
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT20N06L-TA3-T
UTT20N06G-TA3-T
TO-220
G
D
S
Tube
UTT20N06L-TN3-T
UTT20N06G-TN3-T
TO-252
G
D
S
Tube
UTT20N06L-TN3-R
UTT20N06G-TN3-R
TO-252
G
D
S
Tape Reel
UTT20N06L-TQ2-T
UTT20N06G-TQ2-T
TO-263
G
D
S
Tube
UTT20N06L-TQ2-R
UTT20N06G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT20N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT20N06L-TN3-R VBSEMI-UTT20N06L-TN3-R Datasheet
899Kb / 6P
N-Channel 60-V (D-S) MOSFET
More results

Similar Description - UTT20N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB20NE06 STMICROELECTRONICS-STB20NE06 Datasheet
85Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A D2PAK STripFET] POWER MOSFET
Jun-1999
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
November 1999
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
October 1999
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3_05 Datasheet
282Kb / 10P
20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
HUF76419D3ST FAIRCHILD-HUF76419D3ST Datasheet
203Kb / 10P
20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET짰 Power MOSFET
logo
ON Semiconductor
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com