Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE2-5NU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EE2-5NU
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EE2-5NU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EE2-5NU Datasheet HTML 3Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 4Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 5Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 6Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 7Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 8Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 9Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 10Page - List of Unclassifed Manufacturers EE2-5NU Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EE2 SERIES
7
■OPERATE AND RELEASE VOLTAGE VS. AMBIENT TEMPERATURE
This shows a typical change of operate (release) voltage. Maximum value of operate estimated, so it must be
applied more than this value for safety operation. In case of “hot start operation”, please inquiry for NEC/TOKIN.
■RUNNING TEST (Nonload)
(Load: None, Driving: 5V.DC, 50 Hz, 50% duty, Ambient temperature: Room temperature, Sample: EE2-5NU 20 pieces)
■RUNNING TEST (Load)
(Load: 50 V.DC 0.1 A resistive, Driving: 5V.DC, 5 Hz, 50% duty, Ambient temperature: 85 degree C, Sample: EE2-5NU
10 pieces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com