Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN140A10 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN140A10
Description  140MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A10 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN140A10 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A10 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A10 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN140A10
Rev. Date
2013-06-03
Ver.
3.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
11.55MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.
www.
www.
www.
www.
www.
www.
www. sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
sipatsaw.com
Part
Part
Part
Part Number:
Number:
Number:
Number: LBN140A10
LBN140A10
LBN140A10
LBN140A10
Matching Configuration
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
1
Output
5
Ground All Others
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) LBN140A10: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: DIP3512
DIP3512
DIP3512
DIP3512
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
35.00 0.5
0.45 0.05
25.40 0.2
2.54 0.2
2.54 0.2
SIPAT
LBN140A10
XXYYZZ
INPUT
INPUT
INPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
50
50
50
50Ω
50
50
50
50Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com