Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT36N10L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT36N10L-TN3-R
Description  36A, 100V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT36N10L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT36N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT36N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT36N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT36N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT36N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT36N10
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-899. C
36A, 100V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT36N10 is a N-channel mode power MOSFET
using UTC’s advanced technology to provide customers with a
minimum on-state resistance, low gate charge and high switching
speed.
The UTC UTT36N10 is suitable for high voltage synchronous
rectifier and DC/DC converters, etc.
FEATURES
* High Switching Speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT36N10L-TA3-T
UTT36N10G-TA3-T
TO-220
G
D
S
Tube
UTT36N10L-TF3-T
UTT36N10G-TF3-T
TO-220F
G
D
S
Tube
UTT36N10L-TN3-T
UTT36N10G-TN3-T
TO-252
G
D
S
Tube
UTT36N10L-TN3-R
UTT36N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT36N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT36N10L-TA3-T VBSEMI-UTT36N10L-TA3-T Datasheet
984Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - UTT36N10L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM70N10 TSC-TSM70N10_14 Datasheet
489Kb / 8P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
logo
Rohm
RQ3P300BE ROHM-RQ3P300BE Datasheet
2Mb / 15P
Nch 100V 36A Power MOSFET
logo
Shindengen Electric Mfg...
P36F28HP2 SHINDENGEN-P36F28HP2 Datasheet
2Mb / 8P
Power MOSFETs 280V, 36A, N-channel
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com