Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50N06L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT50N06L-TN3-R
Description  50A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50N06L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT50N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTT50N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT50N06
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-704.C
50A, 60V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT50N06 is an N-channel power MOSFET using
UTC’s advanced technology to provide customers with a
minimum on-state resistance and superior switching performance.
The UTC UTT50N06 is generally applied in low power
switching mode power appliances and electronic ballast.
FEATURES
* RDS(ON)=16mΩ @ VGS=10V, ID = 50A
* Low Gate Charge (Typical 30nC)
* High Switching Speed
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT50N06L-TA3-T
UTT50N06G-TA3-T
TO-220
G
D
S
Tube
UTT50N06L-TN3-T
UTT50N06G-TN3-T
TO-252
G
D
S
Tube
UTT50N06L-TN3-R
UTT50N06G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source


Similar Part No. - UTT50N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT50N06L-TN3-R VBSEMI-UTT50N06L-TN3-R Datasheet
991Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - UTT50N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
N-Channel Power MOSFET 50A, 60V, 0.023廓
logo
Thinki Semiconductor Co...
P50N06C THINKISEMI-P50N06C Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
First Components Intern...
FM50N06 FCI-FM50N06 Datasheet
271Kb / 5P
50A 60V N Channel Mosfet
logo
Thinki Semiconductor Co...
CS50N06 THINKISEMI-CS50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
FKT50N06 THINKISEMI-FKT50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
HX50N06 THINKISEMI-HX50N06 Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
IRFZ44N THINKISEMI-IRFZ44N Datasheet
1Mb / 6P
50A,60V Heatsink Planar N-Channel Power MOSFET
logo
Jiangsu Donghai Semicon...
F50N06 WXDH-F50N06 Datasheet
808Kb / 10P
50A 60V N-channel Enhancement Mode Power MOSFET
logo
First Silicon Co., Ltd
FTK50N06DD FS-FTK50N06DD Datasheet
261Kb / 2P
N-Channel Power MOSFET (60V/50A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com