Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT80N06L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT80N06L-S08-R
Description  60V, 80A N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N06L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT80N06L-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT80N06L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT80N06
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., Ltd
VER.a
60V, 80A N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT80N06 is an N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with a minimum on-state resistance and high switching speed. It can
also withstand high energy pluse in the avalanche and commutation
mode.
The UTC UTT80N06 is suitable for active power factor correction,
high efficient switched mode power supplies and electronic lamp
ballast based on half bridge topology, etc.
FEATURES
* RDS(ON)< 10mΩ @ VGS=10V
* High switching speed
* Improved dv/dt capability
* Low Crss(typical 145pF)
* Low Gate Charge(typical 57nC)
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
12345
6
7
8
UTT80N06L-TA3-T
UTT80N06G-TA3-T
TO-220
G D
S
-
-
-
-
-
Tube
UTT80N06L-TQ2-T
UTT80N06G-TQ2-T
TO-263
G D
S
-
-
-
-
-
Tube
UTT80N06L-TQ2-R
UTT80N06G-TQ2-R
TO-263
G D
S
-
-
-
-
- Tape Reel
UTT80N06L-S08-R
UTT80N06G-S08-R
SOP-8
S
S
S G D D D
D Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT80N06L-S08-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UTT80N06L-TA3-T VBSEMI-UTT80N06L-TA3-T Datasheet
998Kb / 7P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - UTT80N06L-S08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Jul-1998
logo
Fairchild Semiconductor
FDB035AN06A0 FAIRCHILD-FDB035AN06A0 Datasheet
236Kb / 11P
N-Channel PowerTrench MOSFET 60V, 80A, 3.5m?
FDP038AN06A0 FAIRCHILD-FDP038AN06A0 Datasheet
280Kb / 10P
N-Channel PowerTrench MOSFET 60V, 80A, 3.8m?
FDP070AN06A0 FAIRCHILD-FDP070AN06A0 Datasheet
599Kb / 12P
N-Channel PowerTrench MOSFET 60V, 80A, 7m
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
logo
Unisonic Technologies
UTT80P06 UTC-UTT80P06 Datasheet
129Kb / 3P
80A, 60V P-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDB070AN06_F085 FAIRCHILD-FDB070AN06_F085 Datasheet
731Kb / 11P
N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com