Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT80N06G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT80N06G-S08-R
Description  60V, 80A N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N06G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT80N06G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTT80N06G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTT80N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-706.c
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified) (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
TC=25°C
ID
80
A
TC=100°C
65
A
Pulsed (Note 3)
IDM
320
A
Avalanche Current (Note 3)
IAR
80
A
Avalanche Energy
Single Pulsed (Note 4)
EAS
480
mJ
Repetitive (Note3)
EAR
17.6
mJ
Power Dissipation
TO-220/TO-263
PD
147
W
SOP-8
5.2
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L =0.15mH, IAS = 80A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
5. ISD ≤ 80A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-263
θJA
62.5
°C/W
SOP-8
110
Junction to Case
TO-220/TO-263
θJC
0.85
°C/W
SOP-8
24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com