Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA120STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LBA120STR
Description  DUAL POLE OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120STR Datasheet(HTML) 4 Page - Clare, Inc.

  LBA120STR Datasheet HTML 1Page - Clare, Inc. LBA120STR Datasheet HTML 2Page - Clare, Inc. LBA120STR Datasheet HTML 3Page - Clare, Inc. LBA120STR Datasheet HTML 4Page - Clare, Inc. LBA120STR Datasheet HTML 5Page - Clare, Inc. LBA120STR Datasheet HTML 6Page - Clare, Inc. LBA120STR Datasheet HTML 7Page - Clare, Inc. LBA120STR Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.clare.com
4
LBA120
Rev. 5
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LBA120 - FormB
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
1.25
2.25
3.25
2.75
1.75
0.75
Turn-Off (ms)
30
25
20
15
10
5
0
LBA120 - Form A
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LBA120 - Form B
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
5mA
LBA120
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
LBA120 - FormA
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
375
370
365
360
355
350
345
340
335
330
325
-20
0
20
40
60
80
100
LBA120 - FormB
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
325
320
315
310
305
300
295
290
285
280
275
-20
0
20
40
60
80
100
LBA120 - FormA
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
LBA120 - FormB
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
5mA
LBA120 - FormA
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
5mA
LBA120 - FormB
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
LBA120
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LBA120 - FormA
Typical Turn-On vs. LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.4
1.2
1.0
0.8
0.6
0.4
0.2
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com