Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA127LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # LBA127LS
Description  DUAL POLE OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA127LS Datasheet(HTML) 3 Page - Clare, Inc.

  LBA127LS Datasheet HTML 1Page - Clare, Inc. LBA127LS Datasheet HTML 2Page - Clare, Inc. LBA127LS Datasheet HTML 3Page - Clare, Inc. LBA127LS Datasheet HTML 4Page - Clare, Inc. LBA127LS Datasheet HTML 5Page - Clare, Inc. LBA127LS Datasheet HTML 6Page - Clare, Inc. LBA127LS Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LBA127L
www.clare.com
Rev. 4
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LBA127L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LBA127L - Form A
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF = 5mADC)
35
30
25
20
15
10
5
0
11.25
12.25
13.25
14.25
11.75
12.75
13.75
On-Resistance (
Ω)
LBA127L - Form B
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC, IF = 5mADC)
30
25
20
15
10
5
0
5.325
5.665
6.005
6.345
5.495
5.835
6.175
On-Resistance (
Ω)
LBA127L - Form A
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
262.5
272.5
282.5
292.5
267.5
277.5
287.5
Blocking Voltage (V)
LBA127L - Form B
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
30
25
20
15
10
5
0
310
318
326
334
314
322
330
Blocking Voltage (V)
LBA127L - Form A
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
0.63
0.99
1.35
0.45
0.81
1.17
1.53
LED Current (mA)
LBA127L - Form A
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
0.45
0.81
1.17
0.63
0.99
1.53
LED Current (mA)
25
20
15
10
5
0
1.35
LBA127L - Form B
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
30
25
20
15
10
5
0
1.4
1.8
2.6
3.4
2.2
LED Current (mA)
3.0
LBA127L - Form B
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
25
20
15
10
5
0
1.4
2.2
3.0
1.0
1.8
2.6
3.4
LED Current (mA)
LBA127L - Form A
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.33
0.77
1.43
0.55
0.99
Turn-On (ms)
25
20
15
10
5
0
1.21
LBA127L - Form B
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.03
0.07
0.11
0.05
0.09
0.13
Turn-On (ms)
30
25
20
15
10
5
0
LBA127L - Form A
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.08
0.05
0.14
0.20
0.17
0.11
Turn-Off (ms)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com