Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOS1HA103DA Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECOS1HA103DA
Description  Long 3000 hour life at 105C with high ripple current capability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1HA103DA Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECOS1HA103DA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1HA103DA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
42
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-HB Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
470
25 x 30
.40
.96
0.423
0. 90
560
22 x 40
.50
2. 0
0.355
0. 60
25 x 30
.50
2. 0
0.355
0. 60
30 x 25
.50
2. 0
0.355
0. 60
680
22 x 45
.70
2.38
0.293
0. 32
25 x 35
.70
2.38
0.293
0. 32
820
25 x 45
2.00
2.80
0.263
0.
8
30 x 30
2.00
2.80
0.263
0.
8
35 x 25
2.00
2.80
0.263
0.
8
000
25 x 50
2.20
3.08
0.2 60. 08
30 x 35
2.20
3.08
0.2 60. 08
35 x 30
2.20
3.08
0.2 60. 08
200
30 x 40
2.30
3.22
0. 93
0.097
35 x 35
2.30
3.22
0. 93
0.097
500
30 x 50
2.50
3.50
0. 55
0.077
35 x 40
2.50
3.50
0. 55
0.077
800
35 x 45
2.70
3.78
0. 29
0.077
2200
35 x 50
2.90
4.06
0. 05
0.063
80
22 x 25
0.90
.26
0.92
0.46
220
22 x 30
.00
.40
0.754
0.377
270
22 x 35
. 0
.54
0.6 40.307
330
22 x 40
.20
.68
0.502
0.25
25 x 30
.20
.68
0.502
0.25
390
22 x 45
.30
.82
0.425
0.2 3
30 x 25
.30
.82
0.425
0.2 3
470
22 x 50
.40
.96
0.353
0. 76
25 x 40
.40
.96
0.353
0. 76
30 x 30
.40
.96
0.353
0. 76
560
25 x 45
.50
2. 00.296
0. 48
35 x 25
.50
2. 0
0.296
0. 48
680
25 x 50
.70
2.38
0.244
0. 34
30 x 40
.70
2.38
0.244
0. 34
35 x 30
.70
2.38
0.244
0. 34
820
30 x 45
2.00
2.80
0.202
0.
35 x 35
2.00
2.80
0.202
0.
000
30 x 50
2.20
3.08
0. 99
0. 09
35 x 40
2.20
3.08
0. 99
0. 09
200
35 x 45
2.30
3.22
0. 66
0.099
500
35 x 50
2.50
3.50
0. 44
0.093
82
22 x 30
0.64
0.90
2.022
0.809
00
22 x 30
0.69
0.97
.658
0.663
25 x 25
0.69
0.97
.658
0.663
20
22 x 35
0.75
.05
.382
0.553
25 x 30
0.75
.05
.382
0.553
50
22 x 40
0.82
. 5
. 05
0.442
25 x 30
0.82
. 5
. 05
0.442
30 x 25
0.82
. 5
. 05
0.442
80
22 x 45
0.95
.33
0.92
0.368
25 x 35
0.95
.33
0.92
0.368
30 x 30
0.95
.33
0.92
0.368
220
25 x 45
. 0
.54
0.754
0.30
30 x 30
. 0
.54
0.829
0.332
35 x 25
. 0
.54
0.829
0.332
270
25 x 50
.20
.68
0.675
0.270
35 x 30
.20
.68
0.675
0.270
330
30 x 45
.35
.89
0.553
0.22
35 x 35
.35
.89
0.553
0.22
390
30 x 50
.55
2. 70.5 0
0.204
470
35 x 45
.75
2.45
0.423
0.2 2
560
35 x 50
.80
2.52
0.355
0. 78
82
22 x 30
0.64
0.90
2.022
0.708
00
22 x 30
0.69
0.97
.658
0.580
ECEC2TB331DA
ECEC2TB271CA
ECOS2TB271EA
ECEC2TB391DA
ECOS2TB391DA
ECEC2TB271EA
ECEC2TB331EA
ECOS2TB331DA
ECOS2GB101BA
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Terminal Length)
ECEC2EB122EA
ECEC2TB151CA
ECOS2TB181CA
ECEC2TB181CA
ECEC2TB101BA
ECEC2TB820BA
ECEC2TB151BA
ECEC2TB121CA
ECOS2TB181BA
ECEC2TB181BA
ECOS2EB102EA
ECOS2TB331EA
ECOS2TB271CA
ECOS2TB101BA
ECOS2TB221CA
ECOS2TB181DA
ECOS2EB152EA
385 VDC Working, 425 VDC Surge
ECOS2TB820BA
ECOS2TB471EA
ECOS2TB561EA
ECOS2EB102DA
ECOS2EB821DA
ECOS2EB331BA
ECOS2EB331CA
ECOS2EB391BA
ECOS2EB391DA
ECOS2EB821EA
ECEC2DB182EA
D x L
6.3mm Length Terminal
ECOS2DB561BA
200 VDC Working, 250 VDC Surge (continued)
ECEC2DB102CA
ECEC2DB102DA
ECEC2DB561DA
ECEC2DB681BA
ECEC2DB102EA
ECOS2DB821EA
ECEC2DB152EA
ECEC2DB122DA
ECEC2DB122EA
ECOS2DB152DA
ECEC2DB152DA
ECEC2DB821EA
ECOS2DB102CA
ECOS2DB152EA
ECOS2DB102EA
ECOS2DB471CA
Part numbers shown with 2 pins
ECEC2EB102DA
4.0mm Length Terminal
ECEC2DB471CA
ECEC2DB561CA
ECEC2EB471DA
ECEC2EB561CA
ECEC2DB681CA
ECOS2DB102DA
ECEC2EB102EA
ECEC2EB271BA
ECEC2EB471BA
ECEC2EB471CA
ECEC2EB821DA
ECOS2EB681DA
ECOS2EB681EA
ECOS2EB471DA
ECOS2EB561CA
ECOS2DB122DA
ECOS2DB122EA
ECOS2EB561EA
ECOS2EB681CA
ECOS2DB182EA
ECOS2DB222EA
ECOS2EB271BA
ECEC2EB331BA
ECEC2EB331CA
ECEC2EB391BA
ECOS2EB122EA
ECEC2EB391DA
ECEC2EB681CA
ECEC2EB681DA
ECEC2EB681EA
ECEC2EB561EA
ECEC2EB821EA
ECOS2TB151DA
ECEC2TB151DA
ECEC2EB152EA
ECOS2TB101CA
ECOS2TB121CA
ECOS2TB151CA
ECOS2TB151BA
ECEC2TB121BA
ECEC2TB101CA
ECOS2TB121BA
ECEC2TB181DA
ECEC2TB221DA
ECEC2TB221CA
ECOS2TB221EA
ECEC2TB221EA
ECOS2TB221DA
ECEC2TB471EA
ECEC2TB561EA
400 VDC Working, 450 VDC Surge
ECOS2GB820BA
ECOS2EB471BA
ECOS2EB471CA
ECEC2GB820BA
ECEC2GB101BA
ECOS2DB561CA
ECOS2DB821CA
ECOS2DB821DA
ECOS2DB561DA
ECOS2DB681BA
ECOS2DB681CA
250 VDC Working, 300 VDC Surge
ECOS2EB181BA
ECOS2EB221BA
ECEC2EB181BA
ECEC2EB221BA
ECEC2DB222EA
ECEC2DB561BA
ECEC2DB821CA
ECEC2DB821DA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com