Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA2 Datasheet(PDF) 2 Page - Rohm

Part # EMA2
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMA2 Datasheet(HTML) 2 Page - Rohm

  EMA2 Datasheet HTML 1Page - Rohm EMA2 Datasheet HTML 2Page - Rohm EMA2 Datasheet HTML 3Page - Rohm EMA2 Datasheet HTML 4Page - Rohm EMA2 Datasheet HTML 5Page - Rohm EMA2 Datasheet HTML 6Page - Rohm EMA2 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA2 / UMA2N / FMA2A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
EMA2 / UMA2N
FMA2A
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
PD *2
150 (Total) *3
300 (Total) *4
mW
mW
-
-
250
-
MHz
0.8
1
1.2
-
32.9
47
61.1
kW
68
-
-
mA
-
-
-
0.5
m
A
-
-
-
0.18
Unit
-
-
-
0.5
Min.
Typ.
Max.
V
Tj
150
°C
Tstg
-
55 to +150
°C
IC(MAX.)*1
-
100
mA
VIN
-
40 to +10
V
IO
-
30
mA
Parameter
Symbol
Values
Unit
VCC
-
50
V
-
-
0.1
-
0.3
V
-
3
-
-
Transition frequency
fT *1
VCE = -10V, IE = 5mA,
f = 100MHz
VI = -5V
Output current
IO(off)
VCC = -50V, VI = 0V
DC current gain
GI
VO = -5V, IO = -5mA
Input current
II
Input resistance
R1
Parameter
Symbol
Conditions
-
Resistance ratio
R2/R1
-
VCC = -5V, IO = -100mA
VI(on)
VO = -0.3V, IO = -2mA
Output voltage
VO(on)
IO / II = -10mA / -0.5mA
Input voltage
VI(off)
2/6
2012.06 - Rev.B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com