Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA100LSTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCA100LSTR
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA100LSTR Datasheet(HTML) 2 Page - Clare, Inc.

  LCA100LSTR Datasheet HTML 1Page - Clare, Inc. LCA100LSTR Datasheet HTML 2Page - Clare, Inc. LCA100LSTR Datasheet HTML 3Page - Clare, Inc. LCA100LSTR Datasheet HTML 4Page - Clare, Inc. LCA100LSTR Datasheet HTML 5Page - Clare, Inc. LCA100LSTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
LCA100L
Rev. 1
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 Seconds Max.)
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
350
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
120
mA
DC Configuration
-
I
L
-
-
200
mA
Peak Load Current
10ms
I
LPK
--
-
mA
On-Resistance
AC/DC Configuration
I
L=120mA
R
ON
--
25
Ω
DC Configuration
I
L=200mA
R
ON
--
8
Ω
Off-State Leakage Current
V
L=35OV
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-35
-
pF
Load Current Limiting
I
CL
130
170
210
mA
Input Characteristics @ 25°C
Input Control Current
I
L=120mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com