Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA120 Datasheet(PDF) 4 Page - Clare, Inc.

Part # LBA120
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120 Datasheet(HTML) 4 Page - Clare, Inc.

  LBA120 Datasheet HTML 1Page - Clare, Inc. LBA120 Datasheet HTML 2Page - Clare, Inc. LBA120 Datasheet HTML 3Page - Clare, Inc. LBA120 Datasheet HTML 4Page - Clare, Inc. LBA120 Datasheet HTML 5Page - Clare, Inc. LBA120 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA120
Rev. 8
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LCA120
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCA120
Typical Turn-On vs.LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LCA120
Typical Turn-Off vs.LED Forward Current
(Load Current = 170mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.410
0.400
0.390
0.380
0.370
0.360
0.350
0.340
50
LCA120
Typical On-Resistance vs. Temperature
(Load Current = 170mADC; IF = 5mADC)
Temperature (
°C)
-40
60.000
50.000
40.000
30.000
20.000
10.000
0
-20
0
20
40
60
80
100
LCA120
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5 1.0 1.5 2.0 2.5
LCA120
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100ms
10s
100
µs
10ms
1s
100s
LCA120
Typical IF for Switch Operation
vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
LCA120
Typical IF for Switch Dropout vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com