Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA120LS Datasheet(PDF) 1 Page - Clare, Inc.

Part # LBA120LS
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LBA120LS Datasheet(HTML) 1 Page - Clare, Inc.

  LBA120LS Datasheet HTML 1Page - Clare, Inc. LBA120LS Datasheet HTML 2Page - Clare, Inc. LBA120LS Datasheet HTML 3Page - Clare, Inc. LBA120LS Datasheet HTML 4Page - Clare, Inc. LBA120LS Datasheet HTML 5Page - Clare, Inc. LBA120LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part #
Description
LBA120L
6 Pin DIP (50/Tube)
LBA120LS
6 Pin Surface Mount (50/Tube)
LBA120LSTR
6 Pin Surface Mount (1000/Reel)
LCA120L
Units
Load Voltage
250
V
Load Current
150
mA
Max R
ON
20
Ω
www.clare.com
DS-LCA120L-R9
LCA120L
Single Pole OptoMOS® Relay
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Current Limiting Surface Mount and Tape & Reel
Versions Available
LCA120 is a 250V, 150mA, 20
Ω 1-Form-A relay. It fea-
tures enhanced peak load current capability. Current
limiting version is available. (“L” suffix)
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified to:
• BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
• BS EN 41003:1993
Certificate #: 7344
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
LCA120 Pinout
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
LCA120 Pinout
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+


Similar Part No. - LBA120LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LBA120LS CLARE-LBA120LS Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBA120LS CLARE-LBA120LS Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LBA120LS IXYS-LBA120LS Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
logo
Clare, Inc.
LBA120LSTR CLARE-LBA120LSTR Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LBA120LSTR IXYS-LBA120LSTR Datasheet
140Kb / 9P
Dual Single-Pole OptoMOS Relay
More results

Similar Description - LBA120LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com