Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB110STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCB110STR
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB110STR Datasheet(HTML) 4 Page - Clare, Inc.

  LCB110STR Datasheet HTML 1Page - Clare, Inc. LCB110STR Datasheet HTML 2Page - Clare, Inc. LCB110STR Datasheet HTML 3Page - Clare, Inc. LCB110STR Datasheet HTML 4Page - Clare, Inc. LCB110STR Datasheet HTML 5Page - Clare, Inc. LCB110STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCB110
Rev. 6.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LCB110
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
LCB110
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.3000
0.2500
0.2000
0.1500
0.1000
0.0500
0
50
LCB110
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
LCB110
Typical On-Resistance vs. Temperature
(Load Current = Max Rated over Temperature)
Temperature (
°C)
-40
60.000
50.000
40.000
30.000
20.000
10.000
0
-20
0
20
40
60
80
100
AC/DC Configuration
DC Configuration
LCB110
Typical IF for Switch Dropout vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
LCB110
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-4
-3
-2
-1
1
2
3
0
4
LCB110
Typical On-Resistance vs. Temperature
(Load Current = 100mA)
Temperature (
°C)
-40
50
45
40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
Instantaneous
LCB110
Typical IF for Switch Operation vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
LCB110
Energy Rating Curve
Time
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com