Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB04AG-9-SW-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTB04AG-9-SW-TN3-R
Description  SENSITIVE GATE TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTB04AG-9-SW-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BTB04AG-9-SW-TN3-R Datasheet HTML 1Page - Unisonic Technologies BTB04AG-9-SW-TN3-R Datasheet HTML 2Page - Unisonic Technologies BTB04AG-9-SW-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTB04A
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-055.a
SENSITIVE GATE TRIACS
DESCRIPTION
The UTC BTB04A is a 4A triacs which can be operated in 3
quadrants only, it uses UTC’s advanced technology to provide
customers with high commutation performances and voltage
insulated tab, etc.
The UTC BTB04A is suitable for inductive load switching
operations, also can be used in ON/OFF function applications such
as induction motor starting circuits, heating regulation, static relays
etc.
FEATURES
* Low gate trigger current
* Low holding current
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTB04AL-x-xx-TM3-T
BTB04AG-x-xx-TM3-T
TO-251
MT1 MT2
G
Tube
BTB04AL-x-xx-TN3-R
BTB04AG-x-xx-TN3-R
TO-252
MT1 MT2
G
Tape Reel
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
SW
900V
10mA
LOGIC LEVEL
MARKING INFORMATION
PACKAGE
MARKING
TO-220


Similar Part No. - BTB04AG-9-SW-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BTB04AG-9-SW-TN3-T UTC-BTB04AG-9-SW-TN3-T Datasheet
134Kb / 3P
SENSITIVE GATE TRIACS
More results

Similar Description - BTB04AG-9-SW-TN3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com