Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN140A77 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN140A77
Description  140MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN140A77 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN140A77 Datasheet HTML 1Page - SIPAT Co,Ltd LBN140A77 Datasheet HTML 2Page - SIPAT Co,Ltd LBN140A77 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN140A77
Rev. Date
2012-05-16
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
140MHz SAW Filter
11.1MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LBN140A77
N140A77
N140A77
N140A77
Matching Configuration
手动测试座
L1=39nH
L1=39nH
L1=39nH
L1=39nH
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
11
Output
5
Ground All other
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) LBN140A77: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: SMD1365C
SMD1365C
SMD1365C
SMD1365C
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
6
5
12
11
4
3
2
1
7
8
9
10
1
3
2
4
10
7
8
9
12
11
5
6
13.3±0.2
0.4
0.8
2.54
SIPAT
LBN140A77
XXYYZZ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com