Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S501-4-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # S501-4-R
Description  5 x 20mm, Fast-Acting, Ceramic Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

S501-4-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  S501-4-R Datasheet HTML 1Page - Cooper Bussmann, Inc. S501-4-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting high breaking capacity
• Optional axial leads available
• 5 x 20mm physical size
• Ceramic tube with silver-plated (50mA-400mA) and
nickel-plated (500mA-10A) endcaps.
• Designed to IEC 60127-2
Agency Information
• cURus: File E19180, Guide JDYX2, JDYX8
• CSA Component Acceptance: File 53787
• SEMKO Approval: File 413779
• VDE Approval: File 40015517
• IMQ Approval: File EB405
• CCC Approval: File 2005010207155691
• BSI Approval: File KM55676
Ordering
• Specify packaging, product and option code
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm
Dimensions - mm
Drawing Not to Scale
Electrical Characteristics
1.5 In 2.1 In
2.75 In
4 In
10 In
In
min
max
min
max
min
max
max
50mA-4A
60 min 30 min 10 ms
2 sec
3 ms
300 ms 20 ms
5A-6.3A
60 min 30 min 10 ms
3 sec
3 ms
300 ms 20 ms
8A-10A
30 min 30 min 40 ms 20 sec 10 ms
1s
30 ms
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
S501 Series
0311
BU-SB11296
Page 1 of 2
Data Sheet 2051
Specifications
Voltage Interrupting Rating at
Typical DC
Typical
Typical
Agency Approvals
Product
Rating Rated Voltage (50Hz) Cold Resistance Melting I2t
Voltage
IMQ VDE BSI SEMKO cURus CCC MITI/
CSA
Code
Vac
Vac
(
Ω)*
(amps)
Drop (mV)†
JET
S501-50-R
250
1500
157.5
0.0017
9000
X
X
X
X
X
X
X
S501-63-R
250
1500
39.0
0.0005
3300
X
X
X
S501-80-R
250
1500
27.9
0.0011
2600
X
X
S501-100-R
250
1500
20.0
0.0018
2300
X
X
S501-125-R
250
1500
12.3
0.0037
1900
X
X
S501-160-R
250
1500
8.5
0.008
1600
X
X
X
X
X
X
X
S501-200-R
250
1500
6.0
0.02
1350
X
X
X
X
X
X
X
S501-250-R
250
1500
4.4
0.027
1300
X
X
X
X
X
X
X
S501-315-R
250
1500
3.3
0.01
1400
X
X
X
X
X
X
X
S501-400-R
250
1500
2.2
0.018
1200
X
X
S501-500-R
250
1500
0.460
0.038
1050
X
X
X
X
X
X
X
S501-630-R
250
1500
0.340
0.064
1200
X
X
S501-800-R
250
1500
0.245
0.097
490
X
X
X
X
X
X
X
S501-1-R
250
1500
0.231
0.146**
330
X
X
X
X
X
S501-1.25-R
250
1500
0.176
0.313**
297
X
X
X
X
S501-1.6-R
250
1500
0.113
0.748**
239
X
X
X
X
X
S501-2-R
250
1500
0.073
2.0
205
X
X
X
X
X
X
X
X‡
S501-2.5-R
250
1500
0.053
3.9
190
X
X
X
X
X
X
X
X‡
S501-3.15-R
250
1500
0.037
8.1
160
X
X
X
X
X
X
X
X‡
S501-4-R
250
1500
0.027
14
160
X
X
X
X
X
X
X
X‡
S501-5-R
250
1500
0.019
25
155
X
X
X
X
X
X
X
X‡
S501-6.3-R
250
1500
0.014
48
150
X
X
X
X
X
X
X
S501-8-R
250
1500
0.009
104
102
X
X
X
X
X
X
S501-10-R
250
1500
0.008
155
111
X
X
X
X
X
X
* DC Cold Resistance (measured at <10% of rated current)
** I2t of 1A, 1.25A & 1.6A is measured at 10In DC
† Typical Voltage Drop (voltage drop was measured at 20°C ambient temperature at rated current)
‡ CSA approvals on these ratings will not be marked on the fuse cap


Similar Part No. - S501-4-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
S501-4-R EATON-S501-4-R Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results

Similar Description - S501-4-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses GMA Series
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
GMA-1A COOPER-GMA-1A Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
ABC EATON-ABC Datasheet
260Kb / 2P
1????x 1 1????Fast-acting ceramic tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com