Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2R2000C Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 2R2000C
Description  2-Electrode Gas Discharge Tubes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

2R2000C Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  2R2000C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 2R2000C Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(Ø8x6mm)
4 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
GΩ
10 Times
1 Time
A
PF
2R1500C
1500±20%
<2200
≤ 2500
>1
5KA
10KA
5
≤1
2R2000C
2000±20%
<2600
≤ 3000
>1
5KA
10KA
5
≤1
2R2500C
2500±20%
<3200
≤ 3500
>1
5KA
10KA
5
≤1
2R3000C
3000±20%
<3800
≤ 4000
>1
5KA
10KA
5
≤1
2R3600C
3600±20%
<4500
≤ 4700
>1
5KA
10KA
5
≤1
2R4000C
4000±20%
<5300
≤ 5500
>1
5KA
10KA
5
≤1
Packing Quantity : 100PCS
Shen Zhen HuaXinAn Electronics Co.,Ltd
sales@huaandz.com
abc0734@126.com
2
Revised:February 25,2014
www.huaandz.com
Tel:+86-755-27465585



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com