Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCML20162R2MTF Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SCML20162R2MTF
Description  Multilayer Chip Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCML20162R2MTF Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SCML20162R2MTF Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCML20162R2MTF Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCML20162R2MTF Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCML20162R2MTF Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCML20162R2MTF Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Multilayer Chip Inductor
Revision February 12, 2014
5 / 5
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCML Series
SOCAY Electronics Co., Ltd.
www.socay.com
Test item
Test condition
Criteria
Resistance to Solder Heat
1.
Solder temperature : 260
±5ºC
2.
Flux : Rosin
3.
DIP time : 10
±1 sec
1.
More than 95 % of terminal electrode
should be covered with new solder
2.
No mechanical damage
3.
Induction value should be within
±10 %
of the initial value
Adhesive Test
1.
Reflow temperature : 245
ºC It shall be
Soldered
on
the
substrate
applying
direction parallel to the substrate
2.
Apply force(F) : 5 N
3.
Test time : 10 sec
1.
No mechanical damage
2.
Soldering the products on PCB after the
pulling test force > 5 N
Steam Aging Test
1.
Temperature : 93
ºC
2.
Test time : 8 hours
3.
Solder temperature : 235
±5ºC
4.
Flux : Rosin
5.
DIP time : 5
±1 sec
1.
More than 95 % of terminal electrode
should be covered with new solder
Temperature Cycle
1.
Temperature : -40 ~ +85
ºC for 30 minutes
each
2.
Cycle : 100 cycles
3.
Measurement : At ambient temperature
24 hours after test completion
1.
No mechanical damage
2.
Induction value should be within
±20 %
of the initial value
Operational Life
1.
Temperature : 85
ºC±5ºC
2.
Test time : 1000 hours
3.
Apply current : full rated current
4.
Measurement : At ambient temperature
24 hours after test completion
1.
No mechanical damage
2.
Induction value should be within
±10 %
of the initial value
Biased Humidity
1.
Temperature : 40
ºC±2ºC
2.
Humidity : 90 ~ 95 % RH
3.
Apply current : full rated current
4.
Test time : 1000 hours
5.
Measurement : At ambient temperature
24 hours after test completion
1.
No mechanical damage
2.
Induction value should be within
±20 %
of the initial value
Rated Current
At ambient temperature & humidity
Test time: 5 minutes
(under full rated current)
MIP
product
surface
temp:
below
room
temperature plus 40
ºC
Reliability and Test Condition



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com