Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B540CG-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # B540CG-SMC-R
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

B540CG-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  B540CG-SMC-R Datasheet HTML 1Page - Unisonic Technologies B540CG-SMC-R Datasheet HTML 2Page - Unisonic Technologies B540CG-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
B540C
Advance
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R601-071.a
5A SURFACE MOUNT
SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC B540C is a schottky barrier rectifier; It provides the
customers high efficiency and low power loss.
The UTC B540C is suitable for automatic assembly high frequency
inverters and low voltage application, etc
FEATURES
* High efficiency
* Low power loss
SYMBOL
21
K
A
SMC
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
B540CL-SMC-R
B540CG-SMC-R
SMC
K
A
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
B540CL-SMC-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) SMC: SMC
(3) G: Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - B540CG-SMC-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
B540CG-SMC-R UTC-B540CG-SMC-R Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B540CG-SMC-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560 Datasheet
65Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 2 - 2
SBM540 DIODES-SBM540 Datasheet
71Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
SBM540 DIODES-SBM540_1 Datasheet
389Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 6 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
MBRM560 DIODES-MBRM560_2 Datasheet
120Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 6 - 2
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
B560C UTC-B560C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com