Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B560CG-SMC-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # B560CG-SMC-R
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

B560CG-SMC-R Datasheet(HTML) 2 Page - Unisonic Technologies

  B560CG-SMC-R Datasheet HTML 1Page - Unisonic Technologies B560CG-SMC-R Datasheet HTML 2Page - Unisonic Technologies B560CG-SMC-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B560C
Advance
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-072.a
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
60
V
Maximum RMS Voltage
VRMS
42
V
Maximum DC Blocking Voltage
VDC
60
V
Average Rectified Output Current (TT=90°C)
IO
5
A
Peak Forward Surge Current 8.3ms Single Half
Sine-Wave Superimposed On Rated Load
(JEDEC Method)
IFSM
175
A
Operating Temperature
TJ
-55~+125
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Note: 8.0mm
2 (0.13mm thick) land pads.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Forward Voltage IF=5A (Note 1)
VF
0.70
V
DC Reverse Current at Rated DC
Blocking Voltage (Note 1)
TA=25°C
IR
0.5
mA
TA=100°C
20
mA
Typical Total Capacitance (Note 2)
CT
300
pF
Notes: 1. Pulse Test Pulse Width 300μS, Duty Cycle 2%.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com