Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA110PL Datasheet(PDF) 2 Page - Clare, Inc.

Part # PAA110PL
Description  DUAL POLE OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA110PL Datasheet(HTML) 2 Page - Clare, Inc.

  PAA110PL Datasheet HTML 1Page - Clare, Inc. PAA110PL Datasheet HTML 2Page - Clare, Inc. PAA110PL Datasheet HTML 3Page - Clare, Inc. PAA110PL Datasheet HTML 4Page - Clare, Inc. PAA110PL Datasheet HTML 5Page - Clare, Inc. PAA110PL Datasheet HTML 6Page - Clare, Inc. PAA110PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.clare.com
PAA110L
Rev. 4
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Voltage (Peak)
-
V
L
-
-
400
V
Load Current* (Continuous)
AC/DC Configuration
-
I
L
-
-
150
mA
Peak Load Current
10ms
I
LPK
--
-
mA
On-Resistance
AC/DC Configuration
I
L=150mA
R
ON
-18
25
Ω
Off-State Leakage Current
V
L=400V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
1
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
0.25
ms
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Load Current Limiting
I
CL
190
235
280
mA
Capacitance
Input to Output
-
-
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=150mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com